データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F016D-90F4IB データシート(PDF) 37 Page - Advanced Micro Devices

部品番号 AM29F016D-90F4IB
部品情報  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-90F4IB データシート(HTML) 37 Page - Advanced Micro Devices

Back Button AM29F016D-90F4IB Datasheet HTML 33Page - Advanced Micro Devices AM29F016D-90F4IB Datasheet HTML 34Page - Advanced Micro Devices AM29F016D-90F4IB Datasheet HTML 35Page - Advanced Micro Devices AM29F016D-90F4IB Datasheet HTML 36Page - Advanced Micro Devices AM29F016D-90F4IB Datasheet HTML 37Page - Advanced Micro Devices AM29F016D-90F4IB Datasheet HTML 38Page - Advanced Micro Devices AM29F016D-90F4IB Datasheet HTML 39Page - Advanced Micro Devices AM29F016D-90F4IB Datasheet HTML 40Page - Advanced Micro Devices AM29F016D-90F4IB Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
36
Am29F016D
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
XXX for program
XXX for erase
PA for program
SA for sector erase
XXX for chip erase
tBUSY
Notes:
1. PA = Program Address, PD = Program Data, SA = Sector Address, DQ7# = Complement of Data Input, DOUT = Array Data.
2. Figure indicates the last two bus cycles of the command sequence.
Figure 17.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45