| データシートサーチシステム |
|
PIC16F72/SO データシート(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F72/SO データシート(HTML) 37 Page - Microchip Technology |
|
37 / 136 page ![]() 2002 Microchip Technology Inc. DS39597B-page 35 PIC16F72 7.0 TIMER2 MODULE The Timer2 module timer has the following features: • 8-bit timer (TMR2 register) • 8-bit period register (PR2) • Readable and writable (both registers) • Software programmable prescaler (1:1, 1:4, 1:16) • Software programmable postscaler (1:1 to 1:16) • Interrupt on TMR2 match of PR2 • SSP module optional use of TMR2 output to generate clock shift Timer2 has a control register, shown in Register 7-1. Timer2 can be shut-off by clearing control bit TMR2ON (T2CON<2>) to minimize power consumption. Figure 7-1 is a simplified block diagram of the Timer2 module. Additional information on timer modules is available in the PICmicro™ Mid-Range MCU Reference Manual, (DS33023). 7.1 Timer2 Operation Timer2 can be used as the PWM time-base for PWM mode of the CCP module. The TMR2 register is readable and writable, and is cleared on any device RESET. The input clock (FOSC/4) has a prescale option of 1:1, 1:4 or 1:16, selected by control bits T2CKPS1:T2CKPS0 (T2CON<1:0>). The match output of TMR2 goes through a 4-bit postscaler (which gives a 1:1 to 1:16 scaling inclusive) to generate a TMR2 interrupt (latched in flag bit TMR2IF, (PIR1<1>)). 7.2 Timer2 Prescaler and Postscaler The prescaler and postscaler counters are cleared when any of the following occurs: • A write to the TMR2 register • A write to the T2CON register • Any device RESET (Power-on Reset, MCLR , WDT Reset, or Brown-out Reset) TMR2 is not cleared when T2CON is written. 7.3 Timer2 Interrupt The Timer2 module has an 8-bit period register, PR2. Timer2 increments from 00h until it matches PR2 and then resets to 00h on the next increment cycle. PR2 is a readable and writable register. The PR2 register is initialized to FFh upon RESET. 7.4 Output of TMR2 The output of TMR2 (before the postscaler) is fed to the Synchronous Serial Port module, which optionally uses it to generate a shift clock. FIGURE 7-1: TIMER2 BLOCK DIAGRAM Comparator TMR2 Sets Flag TMR2 reg Output(1) RESET Postscaler Prescaler PR2 reg 2 FOSC/4 1:1 1:16 1:1, 1:4, 1:16 EQ 4 bit TMR2IF Note 1: TMR2 register output can be software selected by the SSP module as a baud clock. to |