データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM26CIM5-RPA データシート(PDF) 20 Page - Texas Instruments

部品番号 LM26CIM5-RPA
部品情報  Accurate, Factory-Preset Thermostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM26CIM5-RPA データシート(HTML) 20 Page - Texas Instruments

Back Button LM26CIM5-RPA Datasheet HTML 16Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 17Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 18Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 19Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 20Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 21Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 22Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 23Page - Texas Instruments LM26CIM5-RPA Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM26CIM5X-DPB/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-HHD
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-HHD/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-NPA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-PHA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-RPA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-SHA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-SPA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-TPA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-VHA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-VPA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-XHA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-XPA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-YHA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-YPA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM26CIM5X-ZHA/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM26CIM5-BPB/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
10-Apr-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24