データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBT3904 データシート(PDF) 2 Page - Diotech Company.

部品番号 MMBT3904
部品情報  NPN GENERAL PURPOSE SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTECH [Diotech Company.]
ホームページ  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MMBT3904 データシート(HTML) 2 Page - Diotech Company.

  MMBT3904 Datasheet HTML 1Page - Diotech Company. MMBT3904 Datasheet HTML 2Page - Diotech Company. MMBT3904 Datasheet HTML 3Page - Diotech Company. MMBT3904 Datasheet HTML 4Page - Diotech Company. MMBT3904 Datasheet HTML 5Page - Diotech Company. MMBT3904 Datasheet HTML 6Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT3904
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
Voltage - 40 Volts
Power Dissipation - 300 mWatt
OFF CHARACTERISTICS
Symbol
Min.
Typ.
Max.
Unit
V
C
= 1.0 mAdc, I B
40
VBR(CBO)
V
C = 10 μAdc, IE
60
Emitter–Base Breakdown Voltage
VBR(EBO)
V
(I E = 10 μAdc, IC = 0)
6
ICEX
nA
( V CE = 30 Vdc, V EB = 3.0Vdc)
50
Base Cutoff Current
IBL
nA
(V CE = 30 Vdc, V EB = 3.0 Vdc)
50
ON CHARACTERISTICS (Note 3.)
hFE
(I C = 0.1 mAdc, V CE = 1.0 Vdc)
40
(I C = 1.0 mAdc, V CE = 1.0 Vdc)
70
(I C = 10 mAdc, V CE = 1.0 Vdc)
100
300
(I C = 50 mAdc, V CE = 1.0 Vdc)
60
(I C = 100 mAdc, V CE = 1.0 Vdc)
30
V
(I C = 10 mAdc, I B = 1.0 mAdc)
0.2
(I C = 50mAdc, I B = 5.0 mAdc)
0.3
V
(I C = 10 mAdc, I B = 1.0 mAdc)
0.65
0.85
(I C = 50mAdc, I B = 5.0 mAdc)
0.95
SMALL–SIGNAL CHARACTERISTICS
Symbol
Min.
Typ.
Max.
Unit
fT
MHz
(I C = 10mAdc, V CE= 20Vdc, f = 100MHz)
300
Cobo
pF
(V CB = 5.0 Vdc, I E = 0, f = 1.0 MHz)
4
Cibo
pF
(V EB = 0.5 Vdc, I C = 0, f = 1.0 MHz)
8
Input Impedance
hie
k
(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
1
10
Voltage Feedback Ratio
hre
X 10
–4
(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
0.5
8
Small–Signal Current Gain
hfe
(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
100
400
Output Admittance
hoe
μmhos
(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
1
40
Noise Figure
NF
dB
(VCE=5V, IC=100μA, RS=1.0k
,f =1.0kHz)
5
3. Pulse Test: Pulse Width <300 μs, Duty Cycle <2.0%.
Current–Gain — Bandwidth Product
Output Capacitance
Collector–Emitter Saturation Voltage(3)
VCE(sat)
Characteristic
DC Current Gain
Input Capacitance
Characteristic
Collector–Emitter Breakdown Voltage
VBR(CEO)
Base–Emitter Saturation Voltage
VBE(sat)
Collector–Base Breakdown Voltage
Collector Cutoff Current
ELECTRICAL CHARACTERISTICS (Ta = 25℃)
= 0)
(I
(I
= 0)



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com