| データシートサーチシステム |
|
SD6830 データシート(PDF) 28 Page - AUK corp |
|
|
|||||||||||||||||||||||||||||
SD6830 データシート(HTML) 28 Page - AUK corp |
|
28 / 34 page ![]() KSI-W002-000 28 LDL n Binary code : 0100xxxx Syntax : [<label>] LDL n Operation : (A) ← n, n = 0 ~ 15 ( n must be decimal number ) Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Loads an immediate data to the register L. Skip this instruction if it was used just before. Example : LDA 3 LDL 8 ; Load 8 to L LDL 4 ; It is skipped because this instruction was used just before JMP 0C0 ; Jump to 0C0 LDZ n Binary code : 00110xxx Syntax : [<label>] LDZ n Operation : (A) ← n, n = 0 ~ 7 ( n must be decimal number ) Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Load an immediate data into the register Z. Example : LDZ 0 ; Load 0 into Z. The 0 must be decimal number NOP Binary code : 00000000 Syntax : [<label>] NOP Operation : (PC) ← (PC) + 1 Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : No operation. Example : NOP ; No operation SD6830 |