| データシートサーチシステム |
|
SM8213 データシート(PDF) 33 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM8213 データシート(HTML) 33 Page - Nippon Precision Circuits Inc |
|
33 / 33 page ![]() SM8213AM NIPPON PRECISION CIRCUITS—33 NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for the use of any circuits shown in this data sheet, conveys no licence under any patent or other rights, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. Products contained in this datasheet are not intended to be the devices which may directly affect human lives due to failure or malfunction. Customers are requested to consult with the sales department of Nippon Precision Circuits Inc. prior to considering our products in such a special case. NIPPON PRECISION CIRCUITS INC. 4-3, Fukuzumi 2-chome Koto-ku, Tokyo 135-8430, Japan Telephone: 03-3642-6661 Facsimile: 03-3642-6698 NC9724BE 1999.01 NIPPON PRECISION CIRCUITS INC. |