データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1860 データシート(PDF) 19 Page - List of Unclassifed Manufacturers

部品番号 AS1860
部品情報  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 データシート(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 21Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 22Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
19
FUNCTIONAL DESCRIPTION
Figure 8 shows the block diagram of the AS1860. The
individual blocks are described in greater detail in the
following paragraphs.
(Please also refer to these separate Akros documents for the
AS1860: AN080 for a detailed Design Guide and AN082 for a
detailed Software Users Guide.)
ISOLATION
As shown in Figure 8, the AS1860 is divided internally into
Primary and Secondary sides. All signals that interconnect
the Primary and Secondary sides are isolated using Akros
GreenEdge
™ technology eliminating the need for opto-
isolators in both analog power control loop and the digital I²C
paths between Primary and Secondary ground planes
.
Figure 8 - AS1860 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51