| データシートサーチシステム |
|
AMW006 データシート(PDF) 19 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMW006 データシート(HTML) 19 Page - List of Unclassifed Manufacturers |
|
19 / 32 page ![]() Design Guidelines, Section 6 AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions ADS-MWx06-106R • Preliminary Data Sheet September 1, 2015 ©2014-2015 ACKme Networks. http://ack.me Page | 15 6.6 Application Examples TBD Operation using WiConnect To use ACKme’s easy-to-use WiConnect serial-to-Wi-Fi application, the module only requires an external con- nection to power and a UART serial interface. A host processor connects to UART0 (pins 19/20) or UART1 (pins 25/29) as shown in Figure 14. Figure 14. Using the AMW006 Module with WiConnect and a UART serial interface |