データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTSF3N02HDR2 データシート(PDF) 11 Page - ON Semiconductor

部品番号 MTSF3N02HDR2
部品情報  N?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTSF3N02HDR2 データシート(HTML) 11 Page - ON Semiconductor

Back Button MTSF3N02HDR2 Datasheet HTML 4Page - ON Semiconductor MTSF3N02HDR2 Datasheet HTML 5Page - ON Semiconductor MTSF3N02HDR2 Datasheet HTML 6Page - ON Semiconductor MTSF3N02HDR2 Datasheet HTML 7Page - ON Semiconductor MTSF3N02HDR2 Datasheet HTML 8Page - ON Semiconductor MTSF3N02HDR2 Datasheet HTML 9Page - ON Semiconductor MTSF3N02HDR2 Datasheet HTML 10Page - ON Semiconductor MTSF3N02HDR2 Datasheet HTML 11Page - ON Semiconductor MTSF3N02HDR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MTSF3N02HD
http://onsemi.com
11
TAPE & REEL INFORMATION
Micro8
Dimensions are shown in millimeters (inches)
FEED DIRECTION
SECTION A−A
NOTES:
1. CONFORMS TO EIA−481−1.
2. CONTROLLING DIMENSION: MILLIMETER.
PIN
NUMBER 1
NOTES:
1. CONFORMS TO EIA−481−1.
2. CONTROLLING DIMENSION: MILLIMETER.
3. INCLUDES FLANGE DISTORTION AT OUTER EDGE.
4. DIMENSION MEASURED AT INNER HUB.
12.30
4.10 (.161)
11.70
(.484)
(.461)
1.85 (.072)
3.90 (.154)
2.05 (.080)
1.95 (.077)
BB
A
A
8.10 (.318)
7.90 (.312)
5.55 (.218)
5.45 (.215)
1.65 (.065)
1.60 (.063)
1.50 (.059)
1.60 (.063)
1.50 (.059)
TYP.
0.35 (.013)
0.25 (.010)
3.50 (.137)
3.30 (.130)
1.50 (.059)
1.30 (.052)
SECTION B−B
5.40 (.212)
5.20 (.205)
330.0
(13.20)
MAX.
50.0
(1.97)
MIN.
14.4 (.57)
12.4 (.49)
NOTE 4
18.4 (.724)
MAX.
NOTE 3
13.2 (.52)
12.8 (.50)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12