データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF347 データシート(PDF) 2 Page - ON Semiconductor

部品番号 LF347
部品情報  Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF347 データシート(HTML) 2 Page - ON Semiconductor

  LF347 Datasheet HTML 1Page - ON Semiconductor LF347 Datasheet HTML 2Page - ON Semiconductor LF347 Datasheet HTML 3Page - ON Semiconductor LF347 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LF347, B LF351 LF353
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (VCC = +15 VEE = –15 V, TA = 25°C, unless otherwise noted.)
LF347B
LF347, LF351, LF353
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 k, VCM = 0)
VIO
mV
TA = +25°C
1.0
5.0
5.0
10
0
°C ≤ TA ≤ +70°C
8.0
13
Avg. Temperature Coefficient of Input Offset Voltage
∆VIO/∆T
µV/°C
RS ≤ 10 k, 0°C ≤ TA ≤ +70°C
10
10
Input Offset Current (VCM = 0, Note 3)
IIO
TA = +25°C
25
100
25
100
pA
0
°C ≤ TA ≤ +70°C
4.0
4.0
nA
Input Bias Current (VCM = 0, Note 3)
IIB
TA = +25°C
50
200
50
200
pA
0
°C ≤ TA ≤ +70°C
8.0
8.0
nA
Input Resistance
ri
1012
1012
Common Mode Input Voltage Range
VICR
±11
+15
±11
+15
V
–12
–12
Large–Signal Voltage Gain (VO = ±10 V, RL = 2.0 k)
AVOL
V/mV
TA = +25°C
50
100
25
100
0
°C ≤ TA ≤ +70°C
25
15
Output Voltage Swing (RL = 10 k)
VO
±12
±14
±12
±14
V
Common Mode Rejection (RS ≤ 10 k)
CMR
80
100
70
100
dB
Supply Voltage Rejection (RS ≤ 10 k)
PSRR
80
100
70
100
dB
Supply Current
ID
mA
LF347
7.2
11
7.2
11
LF351
1.8
3.4
LF353
3.6
6.5
Short Circuit Current
ISC
25
25
mA
Slew Rate (AV = +1)
SR
13
13
V/
µs
Gain–Bandwidth Product
BWp
4.0
4.0
MHz
Equivalent Input Noise Voltage
en
24
24
nV/ Hz
(RS = 100 Ω, f = 1000 Hz)
Equivalent Input Noise Current (f = 1000 Hz)
in
0.01
0.01
pA/ Hz
Channel Separation (LF347, LF353)
–120
–120
dB
1.0 Hz
≤ f ≤ 20 kHz (Input Referred)
For Typical Characteristic Performance Curves, refer to MC34001, 34002, 34004 data sheet.
NOTE:
3. Input bias currents of JFET input op amps approximately double for every 10
°C rise in junction temperature. To maintain junction temperatures as
close to ambient as is possible, pulse techniques are utilized during test.



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com