データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LE25S161PCTXG データシート(PDF) 32 Page - ON Semiconductor

部品番号 LE25S161PCTXG
部品情報  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161PCTXG データシート(HTML) 32 Page - ON Semiconductor

Back Button LE25S161PCTXG Datasheet HTML 28Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 29Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 30Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 31Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 32Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 33Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 34Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 35Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
LE25S161
www.onsemi.com
32
10-14. Deep Power-down (DP)
The standby current can be further reduced with this command (DP).
"Figure 19. Deep Power-down (DP)" shows the timing waveforms.
The sequence of DP operation :
CS goes to low  input DP command (B9h)
 CS goes to high (be executed by the rising CS edge)
The deep power-down command issued during an internal write operation will be ignored.
The deep power-down state is exited using the deep power-down exit (EDP). All other commands are ignored.
Figure 19. Deep Power-down (DP)
SI
SCK
High Impedance
SO
CS
tDP
B9h
0 1 2 3 4 5 6 7
Mode3
Mode0
8CLK
MSB
Standby current (Isb)
Deep Pow er-dow n Standby
Current (Idsb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54