| データシートサーチシステム |
|
XP-XE-01-CDFG データシート(PDF) 7 Page - Source Photonics, Inc. |
|
|
|||||||||||||||||||||||||||||
XP-XE-01-CDFG データシート(HTML) 7 Page - Source Photonics, Inc. |
|
7 / 8 page ![]() DS-7206 Rev 01 2013-05-02 Datasheet XP-XE-01-CDFG Mechanical Diagram Figure 4, Mechanical Diagram of XFP Order Information Table 7 – Order Information Part No. Application Data Rate Laser Source Fiber Type XP-XE-01-CDFG 10GBASE-LR 10.3125G 1310nm DFB SMF Warnings Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow guidelines according to proper ESD procedures. Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation. Legal Notice IMPORTANT NOTICE! All information contained in this document is subject to change without notice, at Source Photonics ’s sole and absolute discretion. Source Photonics warrants performance of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are given to describe components only, and Source Photonics expressly disclaims any and all |