| データシートサーチシステム |
|
TM3IO データシート(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
TM3IO データシート(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 25 page ![]() MN103SFM9K 32-bit Single-chip Microcontroller Publication date: August 2014 3 PubNo. 232M9-010E Timer 13 overflow/underflow interrupts Timer 13 compare/capture A interrupts Timer 13 compare/capture B interrupts Timer 14 underflow interrupts Timer 15 underflow interrupts Timer 16 underflow interrupts Timer 17 underflow interrupts <Serial Interface> Serial 0 reception interrupts Serial 0 transmission interrupts Serial 1 reception interrupts Serial 1 transmission interrupts Serial 2 reception interrupts Serial 2 transmission interrupts <PWM> PWM0 overflow interrupts PWM0 underflow interrupts PWM1 overflow interrupts PWM1 underflow interrupts <A/D interrupt> A/D 0 conversion complete interrupt A/D 0 conversion complete B interrupt A/D 1 conversion complete interrupt A/D 1 conversion complete B interrupt A/D 2 conversion complete interrupt External interrupts: 9 interrupts Interrupt pins: IRQ00 to IRQ08 Interrupt detection condition: Edge (rising edge, falling edge), both edges, High-level detection, Low-level detection Noise filter’s filtering is possible at all conditions. Timer Counter 8-bit timer 12 sets 16-bit timer 6 sets Timer 0 (8-bit timer for general use) - Interval timer, Timer pulse output, Event count - Count clock source, TM0IO pin input IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, Timer 1 underflow, Timer 2 underflow, TM0IO pin input Timer 1 (8-bit timer for general use) - Interval timer, Timer pulse output, Event count, Cascade connection function - Count clock source IOCLK, IOCLK/8, IOCLK/32, Timer 0 underflow, Timer 2 underflow, TM1IO pin input Timer 2 (8-bit timer for general use) - Interval timer, Timer pulse output, Event count, Cascade connection function - Count clock source IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, Timer 0 underflow, Timer 1 underflow, TM2IO pin input Timer 3 (8-bit timer for general use) |