データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z86127 データシート(PDF) 4 Page - Zilog, Inc.

部品番号 Z86127
部品情報  LOW-COST DIGITAL TELEVISION CONTROLLER (LDTC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZILOG [Zilog, Inc.]
ホームページ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86127 データシート(HTML) 4 Page - Zilog, Inc.

  Z86127 Datasheet HTML 1Page - Zilog, Inc. Z86127 Datasheet HTML 2Page - Zilog, Inc. Z86127 Datasheet HTML 3Page - Zilog, Inc. Z86127 Datasheet HTML 4Page - Zilog, Inc. Z86127 Datasheet HTML 5Page - Zilog, Inc. Z86127 Datasheet HTML 6Page - Zilog, Inc. Z86127 Datasheet HTML 7Page - Zilog, Inc. Z86127 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This
is a stress rating only; operation of the device at any
condition above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Symbol
Parameters
Min
Max
Units
Notes
V
CC
Power Supply Voltage*
-0.3
+7
V
V
I
Input Voltage
-0.3
V
CC+0.3
V
V
I
Input Voltage
-0.3
V
CC+0.3
V
[1]
V
O
Output Voltage
-0.3
V
CC+8.0
V
[2]
I
OH
Output Current High
-10
mA
1 pin
I
OH
Output Current High
-100
mA
All total
I
OL
Output Current Low
20
mA
1 pin
I
OL
Output Current Low
40
mA
[3] (1 pin)
I
OL
Output Current Low
200
mA
All total
T
A
Operating Temperature
T
STG
Storage Temperature
-65
+150
C
Notes:
[1] Port 2 open drain
[2] PWM open-drain outputs
[3] Port 5
* Voltage on all pins with respect to GND.
† See Ordering Information
Parameter
Max
Units
Input capacitance
10
pF
Output capacitance
20
pF
I/O capacitance
25
pF
AFC
IN input capacitance
10
pF
From Output
Under Test
RLL
VDD
RLH
150 pF
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Test Load
Diagram).
Test Load Diagram
CAPACITANCE
T
A=25°C; VCC=GND=0V; Freq=1.0 MHz; unmeasured pins to GND.



Html Pages

1 2 3 4 5 6 7 8