| データシートサーチシステム |
|
54ABT574J/883 データシート(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54ABT574J/883 データシート(HTML) 8 Page - National Semiconductor (TI) |
|
8 / 10 page ![]() AC Loading DS100208-4 *Includes jig and probe capacitance FIGURE 1. Standard AC Test Load DS100208-6 FIGURE 2. V M = 1.5V Input Pulse Requirements Amplitude Rep. Rate t w t r t f 3.0V 1 MHz 500 ns 2.5 ns 2.5 ns FIGURE 3. Test Input Signal Requirements DS100208-8 FIGURE 4. Propagation Delay Waveforms for Inverting and Non-Inverting Functions DS100208-5 FIGURE 5. Propagation Delay, Pulse Width Waveforms DS100208-7 FIGURE 6. TRI-STATE Output HIGH and LOW Enable and Disable Times DS100208-9 FIGURE 7. Setup Time, Hold Time and Recovery Time Waveforms www.national.com 8 |