データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

87C52EBFFA データシート(PDF) 33 Page - NXP Semiconductors

部品番号 87C52EBFFA
部品情報  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C52EBFFA データシート(HTML) 33 Page - NXP Semiconductors

Back Button 87C52EBFFA Datasheet HTML 29Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 30Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 31Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 32Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 33Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 34Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 35Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 36Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
3
ORDERING INFORMATION
ROM
8k
× 8
ROM
16k
× 8
ROM
32k
× 8
TEMPERATURE RANGE
°C
AND PACKAGE
FREQ
MHz
DRAWING
NUMBER
P80C52EBPN
P80C54EBPN
P80C58EBPN
0 to +70, Plastic Dual In-line Package
16
SOT129-1
P80C52EBAA
P80C54EBAA
P80C58EBAA
0 to +70, Plastic Leaded Chip Carrier
16
SOT187-2
P80C52EBBB
P80C54EBBB
P80C58EBBB
0 to +70, Plastic Quad Flat Pack
16
SOT307-2
P80C52EFP N
P80C54EFP N
P80C58EFP N
–40 to +85, Plastic Dual In-line Package
16
SOT129-1
P80C52EFA A
P80C54EFA A
P80C58EFA A
–40 to +85, Plastic Leaded Chip Carrier
16
SOT187-2
P80C52EFB B
P80C54EFB B
P80C58EFB B
–40 to +85, Plastic Quad Flat Pack
16
SOT307-2
P80C52IBP N
P80C54IBP N
P80C58IBP N
0 to +70, Plastic Dual In-line Package
24
SOT129-1
P80C52IBA A
P80C54IBA A
P80C58IBA A
0 to +70, Plastic Leaded Chip Carrier
24
SOT187-2
P80C52IBB B
P80C54IBB B
P80C58IBB B
0 to +70, Plastic Quad Flat Pack
24
SOT307-2
P80C52IFP N
P80C54IFP N
P80C58IFP N
–40 to +85, Plastic Dual In-line Package
24
SOT129-1
P80C52IFA A
P80C54IFA A
P80C58IFA A
–40 to +85, Plastic Leaded Chip Carrier
24
SOT187-2
P80C52IFB B
P80C54IFB B
P80C58IFB B
–40 to +85, Plastic Quad Flat Pack
24
SOT307-2
P80C52NBAA
P80C54NBAA
P80C58NBAA
0 to +70, Plastic Leaded Chip Carrier
33
SOT187-2
P80C52NBPN
P80C54NBPN
P80C58NBPN
0 to +70, Plastic Dual In-line Package
33
SOT129-1
P80C52NBBB
P80C54NBBB
P80C58NBBB
0 to +70, Plastic Quad Flat Pack
33
SOT307-2
P80C52NFA A
P80C54NFA A
P80C58NFA A
–40 to +85, Plastic Leaded Chip Carrier
33
SOT187-2
P80C52NFPN
P80C54NFPN
P80C58NFPN
–40 to +85, Plastic Dual In-line Package
33
SOT129-1
P80C52NFBB
P80C54NFBB
P80C58NFBB
–40 to +85, Plastic Quad Flat Pack
33
SOT307-2
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
T2
T2EX
RxD
TxD
INT0
INT1
T0
T1
WR
RD
RST
EA
PSEN
ALE
VSS
VCC
XTAL1
XTAL2
SU00732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62