| データシートサーチシステム |
|
P80C32EBAA データシート(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P80C32EBAA データシート(HTML) 40 Page - NXP Semiconductors |
|
40 / 62 page ![]() Philips Semiconductors Product specification 80C52/80C54/80C58 CMOS single-chip 8-bit microcontrollers 1996 Aug 16 10 OSC ÷ 12 C/T2 = 0 C/T2 = 1 TR2 CONTROL TL2 (8-BITS) TH2 (8-BITS) TF2 RCAP2L RCAP2H EXEN2 CONTROL EXF2 TIMER 2 INTERRUPT T2EX PIN TRANSITION DETECTOR T2 PIN RELOAD SU00067 Figure 4. Timer 2 in Auto-Reload Mode (DCEN = 0) ÷12 C/T2 = 0 C/T2 = 1 TL2 TH2 TR2 CONTROL T2 PIN SU00730 FFH FFH RCAP2L RCAP2H (UP COUNTING RELOAD VALUE) T2EX PIN TF2 INTERRUPT COUNT DIRECTION 1 = UP 0 = DOWN EXF2 OVERFLOW (DOWN COUNTING RELOAD VALUE) TOGGLE OSC Figure 5. Timer 2 Auto Reload Mode (DCEN = 1) |