データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS4LC8M8S0 データシート(PDF) 13 Page - Alliance Semiconductor Corporation

部品番号 AS4LC8M8S0
部品情報  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALSC [Alliance Semiconductor Corporation]
ホームページ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC8M8S0 データシート(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS4LC8M8S0 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4LC8M8S0 Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
®
AS4LC8M8S0
AS4LC4M16S0
7/5/00
ALLIANCE SEMICONDUCTOR
13
Concurrent Auto-P Waveforms
According to Intel™’s specification, auto-p burst interruption is allowed by another burst provided that the interrupting burst
is in a different bank than the ongoing burst.
(A) RD-P interrupted by RD in another bank (CL = 3, BL = 4)
(B) RD-P interrupted by WR in another bank (CL = 2, BL = 8)
(C) WR-P interrupted by RD in another bank (CL = 2, BL = 4)
* The row active command of the precharge bank can be issued after t RP from this point.
CLK
CMD
RD-P
(A)
DQ
A0
A1
B0
B1
B2
B3
Bank A Precharge Starts *
RD
(B)
CLK
CMD
RD-P
(A)
DQ
QA0
QA1
DN(B0)
D(B1)
D(B2)
Bank A Precharge Starts *
WR
(B)
DQM
D(B7)
CLK
CMD
WRP
(A)
DQ
D(A0)
D(A1)
QB0
QB1
QB2
Bank A Precharge Starts *
RD
(B)
QB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24