データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZXMS6004FFQTA データシート(PDF) 5 Page - Diodes Incorporated

部品番号 ZXMS6004FFQTA
部品情報  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FFQTA データシート(HTML) 5 Page - Diodes Incorporated

  ZXMS6004FFQTA Datasheet HTML 1Page - Diodes Incorporated ZXMS6004FFQTA Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FFQTA Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FFQTA Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FFQTA Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FFQTA Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FFQTA Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FFQTA Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FFQTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ZXMS6004FFQ
Document number: DS37132 Rev. 4 - 2
5 of 9
www.diodes.com
January 2016
© Diodes Incorporated
ZXMS6004FFQ
DMN2027USS
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Static Characteristics
Drain-Source Clamp Voltage
VDS(AZ)
60
65
70
V
ID = 10mA
Off-State Drain Current
IDSS
—
—
500
nA
VDS = 12V, VIN = 0V
—
—
1
µA
VDS = 36V, VIN = 0V
Input Threshold Voltage
VIN(TH)
0.7
1
1.5
V
VDS = VGS, ID = 1mA
Input Current
IIN
—
60
100
μA
VIN = +3V
—
120
200
VIN = +5V
Input Current while Overtemperature Active
—
—
—
220
μA
VIN = +5V
Static Drain-Source On-State Resistance
RDS(ON)
—
400
600
m
Ω
VIN = +3V, ID = 0.5A
—
350
500
VIN = +5V, ID = 0.5A
Continuous Drain Current (Note 6)
ID
0.9
—
—
A
VIN = 3V; TA = +25°C
1.0
—
—
VIN = 5V; TA = +25°C
Continuous Drain Current (Note 7)
1.2
—
—
VIN = 3V; TA = +25°C
1.3
—
—
VIN = 5V; TA = +25°C
Current Limit (Note 9)
ID(LIM)
0.7
1.7
—
A
VIN = +3V
1
2.2
—
VIN = +5V
Dynamic Characteristics
Turn-On Delay Time
tD(ON)
—
5
—
μs
VDD = 12V, ID = 0.5A, VGS = 5V
Rise Time
tR
—
10
—
Turn-Off Delay Time
tD(OFF)
—
45
—
Fall Time
fF
—
15
—
Overtemperature Protection
Thermal Overload Trip Temperature (Note 10)
TJT
+150
+175
—
°C
—
Thermal Hysteresis (Note 10)
fF
—
+10
—
°C
—
Notes:
9.
The drain current is restricted only when the device is in saturation (see graph ‘Typical Output Characteristic’). This allows the device to be used in the
fully on-state without interference from the current limit. The device is fully protected at all drain currents, as the low power dissipation generated outside
saturation makes current limit unnecessary.
10. Overtemperature
protection is designed to prevent device destruction under fault conditions. Fault conditions are considered as “outside” normal
operating range, so this part is not designed to withstand over-temperature for extended periods.



Html Pages

1 2 3 4 5 6 7 8 9