| データシートサーチシステム |
|
E5CZ-R2T データシート(PDF) 51 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CZ-R2T データシート(HTML) 51 Page - Omron Electronics LLC |
|
51 / 64 page ![]() E5EZ-PRR 51 MV at stop Hold: hold Open: open Close: close MV at PV error Hold: hold Open: open Close: close sprt off ol-h ol-l SP ramp set value MV upper limit MV lower limit Position proportional dead band oc-h Open/ close hysteresis db 20 0.8 Adjustment level at off l.adj l.adj l.adj l.adj l.adj l.adj l.adj l.adj cmwt off AT execute/cancel AT execute: on AT cancel: off Communications writing Enabled: on Disabled: off sp-0 0 sp-1 0 sp-2 0 SP 0 SP 1 SP 2 SP 3 in5 00 Temperature input shift values Proportional band sp-3 0 in5l 00 in5h 00 p 80 Integral time (Unit: seconds) Derivative time (Unit: seconds) d 40 i 233 al1h 0 al1l 0 Alarm value upper-limit 1 Alarm value lower-limit 1 al-2 0 al2h 0 al2l 0 Alarm value 2 Alarm value upper-limit 2 Alarm value lower-limit 2 Process value Multi-SP set point setting Set point during SP ramp 25 m-sp 0 sp-m 0 RUN/STOP Run: run Stop: stop Alarm value 1 Set either of these parameters Set either of these parameters SP used by Multi-SP MV limit value 1 point shift 2 point shift PID settings al-1 0 Operation level Process value/ set value/valve open percentage 25 0 0 100. l.adj l.adj l.adj l.adj l.adj l.adj l.adj l.adj l.adj l.adj l.adj 100.0 0.0 C C C C C C C C C C C C C C C C C C Added when Additional PV display is ON. Upper-limit temperature shift (When using a Infrared temperature sensor) Lower-limit temperature shift (When using a Infrared temperature sensor) |