| データシートサーチシステム |
|
E5AZ-R3HMTD データシート(PDF) 55 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5AZ-R3HMTD データシート(HTML) 55 Page - Omron Electronics LLC |
|
55 / 64 page ![]() E5EZ-PRR 55 Position proportional control of a ceramic kiln The control method whereby a potentiometer is used to read the amount of opening of a valve and then open or close the valve by means of an attached control motor is called position proportional control or on/off servo control. Application To control a gas kiln using a position proportional control valve, select the control valve control type and configure the instrumentation as shown in the following example. The SP ramp function allows limits to be placed on temperature changes which control the temperature within a specific range. This is useful for ceramic kiln, in which severe temperature changes may cause damage or corruption. SP after change SP SP ramp Point of change SP ramp in units of time SP ramp set value Time SP SP Ramp PV MV PID OUT1 OUT2 Potentiometer Temperature Input Analog Input 8888 8888 8888 MANU PV SV MV A M E5EZ-PRR Burner Temperature Sensor SP before change Note: |