| データシートサーチシステム |
|
H7CX-R11WD1-N データシート(PDF) 33 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-R11WD1-N データシート(HTML) 33 Page - Omron Electronics LLC |
|
33 / 56 page ![]() H7CX-A @-N 33 Tachometer Operation in Run Mode Tachometer Operation Bottom hold value Peak hold value Bottom hold value 1 Peak hold value 1 Bottom hold value 2 Peak hold value 2 Measurement value 1 Comparison value 1 Measurement value 2 Comparison value 2 Measurement value • Set each digit using the individual U Keys. Displayed when the input mode is not 2 inputs. • Measurement value Displays the currently measured value. • Comparison value 1/Comparison value 2 Set comparison value 1 and comparison value 2. The measurement value is compared to comparison value 1 and comparison value 2 and output is made according to the selected output mode. *3 *1 Measurement value 1 for the 2-input input mode. *2 Measurement value 2 for the 2-input input mode. *3 Peak/bottom hold enabled Displayed for the 2-input input mode. • Peak/bottom hold value The peak (maximum) and bottom (minimum) values are displayed after counting starts. • Peak/bottom hold value 2 Peaks (maximums) 1 and 2 and bottoms (minimums) 1 and 2 are displayed after counting starts. *1 *2 Note: The held values will be initialized when the Reset Key (Hold Key) or reset 1 input is turned OFF while peak/bottom hold values 1 and 2 are being displayed. (The reset 2 input operates in the same way if the input mode is set to 2-input mode.) |