| データシートサーチシステム |
|
MLM339P データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MLM339P データシート(HTML) 21 Page - Texas Instruments |
|
21 / 28 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 6-Jan-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM139AJ/PB ACTIVE CDIP J 14 25 TBD Call TI Call TI -55 to 125 LM139AJ LM139J/PB ACTIVE CDIP J 14 25 TBD Call TI Call TI -55 to 125 LM139J LM239J ACTIVE CDIP J 14 25 TBD Call TI Call TI -25 to 85 LM239J LM2901M ACTIVE SOIC D 14 55 TBD Call TI Call TI -40 to 85 LM2901M LM2901M/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM2901M LM2901MX NRND SOIC D 14 2500 TBD Call TI Call TI -40 to 85 LM2901M LM2901MX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM2901M LM2901N/NOPB ACTIVE PDIP NFF 14 25 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 85 LM2901N LM339AM NRND SOIC D 14 55 TBD Call TI Call TI -25 to 85 LM339AM LM339AM/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -25 to 85 LM339AM LM339AMX NRND SOIC D 14 2500 TBD Call TI Call TI -25 to 85 LM339AM LM339AMX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -25 to 85 LM339AM LM339AN/NOPB ACTIVE PDIP NFF 14 25 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -25 to 85 LM339AN LM339J ACTIVE CDIP J 14 25 TBD Call TI Call TI -25 to 85 LM339J LM339M NRND SOIC D 14 55 TBD Call TI Call TI -25 to 85 LM339M LM339M/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -25 to 85 LM339M LM339MX NRND SOIC D 14 2500 TBD Call TI Call TI -25 to 85 LM339M LM339MX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -25 to 85 LM339M LM339N/NOPB ACTIVE PDIP NFF 14 25 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -25 to 85 LM339N MLM339P OBSOLETE PDIP NFF 14 TBD Call TI Call TI LM339N |