| データシートサーチシステム |
|
UPSD3312DV データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312DV データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD33xx Pin descriptions Doc ID 9685 Rev 7 23/272 P1.4 SPICLK ADC4 59 38 I/O General I/O port pin SPI Clock Out (SPICLK) ADC Channel 4 input (ADC4) P1.5 SPIRxD ADC6 60 39 I/O General I/O port pin SPI Receive (SPIRxD) ADC Channel 5 input (ADC5) P1.6 SPITXD ADC6 61 40 I/O General I/O port pin SPI Transmit (SPITxD) ADC Channel 6 input (ADC6) P1.7 SPISEL ADC7 64 41 I/O General I/O port pin SPI Slave Select (SPISEL) ADC Channel 7 input (ADC7) P3.0 RxD0 75 23 I/O General I/O port pin UART0 Receive (RxD0) P3.1 TXD0 77 24 I/O General I/O port pin UART0 Transmit (TxD0) P3.2 EXINT0 TGO 79 25 I/O General I/O port pin Interrupt 0 input (EXTINT0)/Timer 0 gate control (TG0) P3.3 INT1 2 26 I/O General I/O port pin Interrupt 1 input (EXTINT1)/Timer 1 gate control (TG1) P3.4 C0 40 27 I/O General I/O port pin Counter 0 input (C0) P3.5 C1 42 28 I/O General I/O port pin Counter 1 input (C1) P3.6 SDA 44 29 I/O General I/O port pin I2C Bus serial data (I2CSDA) P3.7 SCL 46 30 I/O General I/O port pin I2C Bus clock (I2CSCL) P4.0 T2 TCM0 33 22 I/O General I/O port pin Program Counter Array0 PCA0- TCM0 Timer 2 Count input (T2) P4.1 T2X TCM1 31 21 I/O General I/O port pin PCA0-TCM1 Timer 2 Trigger input (T2X) P4.2 RXD1 TCM2 30 20 I/O General I/O port pin PCA0-TCM2 UART1 or IrDA Receive (RxD1) P4.3 TXD1 PCACL K0 27 18 I/O General I/O port pin PCACLK0 UART1 or IrDA Transmit (TxD1) P4.4 SPICLK TCM3 25 17 I/O General I/O port pin Program Counter Array1 PCA1- TCM3 SPI Clock Out (SPICLK) P4.5 SPIRXD TCM4 23 16 I/O General I/O port pin PCA1-TCM4 SPI Receive (SPIRxD) Table 2. Pin definitions (continued) Port pin Signal name 80-Pin num. 52-Pin num.(1) In/Out Function Basic Alternate 1 Alternate 2 |