| データシートサーチシステム |
|
EB3C データシート(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EB3C データシート(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 20 page ![]() 16 AS-Interface Components EB3L Lamp Barrier • Illuminated Selector Switches • Buzzer • LED Lamp Panel Thickness 0.8 to 7.5 63 28 9 5.5 23 M3.5 Terminal Screw M3 Terminal Screw 40 M3.5 Terminal Screw 63.5 Panel Thickness 1 to 6 13 25 30 M3.5 Terminal Screw LOCK 69.4 29.4 ø29 7 21 Panel Thickness 0.8 to 6 9 17.5 11.7 25.4 8.5 53.5 Panel Thickness 0.8 to 6 M3 Terminal Screw ø30 ø22 ø22 ø22 EB3P-LSAN211/EB3P-LSAN320 EB3P-LSHW211/EB3P-LSHW320 EB3P-LSAW ∗∗∗∗∗∗∗∗∗∗∗∗ EB3P-LSL1W2C2/EB3P-LSL3W3C2 M3.5 Terminal Screw 41 Panel Thickness 0.8 to 3.5 35.5 20.4 Illumination Color Intrinsic Safety Identification: Light Blue ø30 EB3P-ZUN12C/ZUN12F EB9Z-LDS1 Illumination color is marked on the terminal. Polarity Identification • Pilot Lights/Illuminated Pushbuttons/Illuminated Selector Switches Positive terminal: X1 Negative terminal: X2 • Miniature Pilot Lights Positive terminal: Long pin terminal Negative terminal: Short pin terminal • Buzzer Positive terminal: + Negative terminal: – • LED Lamp Pin Terminals Positive Terminal Negative Terminal Light Blue Marking A light blue marking is indicated on the negative terminal side to identify intrinsically safe usage. Positive Negative Panel Cut-out • Pilot Lights/Illuminated Pushbuttons/Illuminated Selector Switches/Buzzers • Miniature Pilot Lights ∗ The 4.8 or 3.2 recess is needed only when using an anti- rotation ring or a nameplate with an anti-rotation projec- tion. ø22 ø30 R0.8 max. +0.2 0 0 +0.4 ø22.3 ∗3.2 R0.8 max. 0 +0.5 0 +0.2 ø30.5 ∗4.8 ø6 ø8 ø10 0 +0.3 ø6.1 0 +0.3 ø8.1 0 +0.3 ø10.1 All dimensions in mm. EB3C-3L catalog Page 16 Monday, February 13, 2006 1:44 PM |