| データシートサーチシステム |
|
54AC169F データシート(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54AC169F データシート(HTML) 8 Page - National Semiconductor (TI) |
|
8 / 10 page ![]() AC Electrical Characteristics (Continued) Note 10: Voltage Range 5.0 is 5.0V ±0.5V AC Operating Requirements 54ACT V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 11) C L = 50 pF Guaranteed Minimum t s Setup Time, HIGH or LOW 5.0 4.5 ns P n to CP t h Hold Time, HIGH or LOW 5.0 2.5 ns P n to CP t s Setup Time, HIGH or LOW 5.0 9.0 ns CEP to CP t h Hold Time, HIGH or LOW 5.0 2.5 ns CEP to CP t s Setup Time, HIGH or LOW 5.0 9.0 ns CET to CP t h Hold Time, HIGH or LOW 5.0 2.5 ns CET to CP t s Setup Time, HIGH or LOW 5.0 6.5 ns PE to CP t h Hold Time, HIGH or LOW 5.0 2.0 ns PE to CP t s Setup Time, HIGH or LOW 5.0 9.0 ns U/D to CP t h Hold Time, HIGH or LOW 5.0 2.0 ns U/D to CP t w CP Pulse Width, 5.0 5.0 ns HIGH or LOW Note 11: Voltage Range 5.0 is 5.0V ±0.5V Capacitance Symbol Parameter Typ Units Conditions C IN Input Capacitance 4.5 pF V CC = Open C PD Power Dissipation 60.0 pF V CC = 5.0V Capacitance www.national.com 8 |