データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3435 データシート(PDF) 44 Page - ams AG

部品番号 AS3435
部品情報  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3435 データシート(HTML) 44 Page - ams AG

Back Button AS3435 Datasheet HTML 40Page - ams AG AS3435 Datasheet HTML 41Page - ams AG AS3435 Datasheet HTML 42Page - ams AG AS3435 Datasheet HTML 43Page - ams AG AS3435 Datasheet HTML 44Page - ams AG AS3435 Datasheet HTML 45Page - ams AG AS3435 Datasheet HTML 46Page - ams AG AS3435 Datasheet HTML 47Page - ams AG AS3435 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
AS3415/AS3435 – 44
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Full Slider Mode
Full Slider Mode enables the AS3415/35 to be connected to two
slide switches for Power, ANC and Monitor Mode control. To
enable this operation mode bits SLIDE_PWR_UP and
SLIDER_MON have to be set to ‘1’. The typical connection of the
slide switches is shown in Figure 54.
Figure 54:
Full Slider Mode
Full Slider Mode: The diagram shows the external connection of the switches in full slider mode.
In Full Slider Mode the MODE/CSCL pin can detect three
different input levels to distinguish between different
operating modes: On, Off and Monitor mode. The timing
diagram with all relevant information is shown in Figure 55.
Figure 55:
Full Slider Mode Timing Diagram
Full Slider Mode Timing Diagram: The diagram shows the necessary pin voltages and timings for different
operation modes in Full Slider Mode configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More