データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3833 データシート(PDF) 14 Page - ams AG

部品番号 AS3833
部品情報  6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3833 データシート(HTML) 14 Page - ams AG

Back Button AS3833 Datasheet HTML 10Page - ams AG AS3833 Datasheet HTML 11Page - ams AG AS3833 Datasheet HTML 12Page - ams AG AS3833 Datasheet HTML 13Page - ams AG AS3833 Datasheet HTML 14Page - ams AG AS3833 Datasheet HTML 15Page - ams AG AS3833 Datasheet HTML 16Page - ams AG AS3833 Datasheet HTML 17Page - ams AG AS3833 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Revision 1.8
13 - 20
AS3833
Datasheet - D e t a i l e d D e s c r i p t i o n
8.3.4
Open LED detection
Figure 14. Open Led detection
A broken LED-string is detected during PWM=1. If a LED-string is broken the power supply feedback will increment the IDAC to increase the
power supply output voltage. After the IDAC has reached its maximum value, a debounce counter is started. In order to run the debounce
counter, the corresponding PWM-signal has to be high for more than 150us. After the debounce counter has counted up for 32ms, the fault
output is activated (xFAULT = 0) and the corresponding output is disconnected from the power supply feedback loop.
8.4 Boost controller
Figure 15. Boost controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21