データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3834 データシート(PDF) 21 Page - ams AG

部品番号 AS3834
部品情報  4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3834 データシート(HTML) 21 Page - ams AG

Back Button AS3834 Datasheet HTML 13Page - ams AG AS3834 Datasheet HTML 14Page - ams AG AS3834 Datasheet HTML 15Page - ams AG AS3834 Datasheet HTML 16Page - ams AG AS3834 Datasheet HTML 17Page - ams AG AS3834 Datasheet HTML 18Page - ams AG AS3834 Datasheet HTML 19Page - ams AG AS3834 Datasheet HTML 20Page - ams AG AS3834 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Revision 1.6
20 - 20
AS3834
Datasheet - O r d e r i n g I n f o r m a t i o n
10 Ordering Information
The devices are available as the standard products shown in Table 6.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is available at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto: sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 6. Ordering Information
Ordering Code
Marking
Description
Delivery Form
Package
AS3834-ZTQT
AS3834
Tape & Reel
TQFP-32
AS3834-ZSOT
AS3834
Tape & Reel
SOIC-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21