データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5147P データシート(PDF) 39 Page - ams AG

部品番号 AS5147P
部品情報  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5147P データシート(HTML) 39 Page - ams AG

Back Button AS5147P Datasheet HTML 32Page - ams AG AS5147P Datasheet HTML 33Page - ams AG AS5147P Datasheet HTML 34Page - ams AG AS5147P Datasheet HTML 35Page - ams AG AS5147P Datasheet HTML 36Page - ams AG AS5147P Datasheet HTML 37Page - ams AG AS5147P Datasheet HTML 38Page - ams AG AS5147P Datasheet HTML 39Page - ams AG AS5147P Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
ams Datasheet
Page 39
[v1-01] 2015-May-12
Document Feedback
AS5147P − Revision Information
Note(s) and/or Footnote(s):
1. Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
2. Correction of typographical errors is not explicitly mentioned.
Changes from 1-00 (2014-Oct-31) to current revision 1-01 (2015-May-12)
Page
Updated Figure 1
1
Updated notes under Figure 4
3
Updated Figure 8
7
Updated Figure 9
8
Updated text under Detailed Description
9
Updated Figure 12
12
Updated text under Non-Volatile Registers (OTP)
18
Updated text under PWM & Figure 34
23
Updated Figure 44 (Angle Detection by Default)
33
Added Figure 45 (Die Placement and Hall Array Position) & notes under it
34
Revision Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40