| データシートサーチシステム |
|
AS5403A データシート(PDF) 39 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403A データシート(HTML) 39 Page - ams AG |
|
39 / 66 page ![]() ams Datasheet Page 39 [v1-06] 2015-Aug-28 Document Feedback AS5403A/D/E − Device Configuration Figure 45: EEPROM Magnet Lost 0x00F The magnitude information is compared with the magnet lost threshold value calculated with following formula: MagnetLostLimit = MgnLostLmt <7:0>* 64 The hysteresis is calculated using following formula: MgnLostHyst<2:0>=0 disables the hysteresis Figure 46: EEPROM Offset Bj 0x019 Register Hex Access Bit Function Default Note 0x00F R/W D15 (MSB) Reserved 0 :: D11 0 D10 MgnLostHyst<2> 1 Magnet lost hysteresis :: : D8 MgnLostHyst<0> 0 D7 MgnLostLmt<7> 0 Magnet lost threshold value compared to register 0x520 :: : D0 (LSB) MgnLostLmt<0> 0 Register Hex Access Bit Function Default Note 0x019 R/W D15 (MSB) Offset Bj 0 Offset to the Bj value to improve performance Signed integer, range [-32768;32767] : D0 (LSB) > < = 0 : 2 2 1 * t MgnLostHys Limit MagnetLost Hysteresis |