| データシートサーチシステム |
|
AS5601 データシート(PDF) 6 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5601 データシート(HTML) 6 Page - ams AG |
|
6 / 43 page ![]() Page 6 ams Datasheet Document Feedback [v1-02] 2014-Oct-29 AS 56 01 − Electrical Characteristics Digital Inputs and Outputs Figure 7: Digital Inputs and Outputs Timing Characteristics Figure 8: Timing Conditions Symbol Parameter Conditions Min Typ Max Units V_IH High-level input voltage 0.7 × VDD V V_IL Low-level input voltage 0.3 × VDD V V_OH High-level output voltage VDD - 0.5 V V_OL Low-level output voltage 0.4 V I_O Output current for A, B, and PUSH -2 2 mA C_L Capacitive load for A, B, and PUSH 50 pF I_LKG Leakage current ±1 μA Symbol Parameter Conditions Min Typ Max Units T_DETWD Watchdog detection time WD = 1 57 60 63 seconds T_PU Power-up time 10 ms F_S Sampling rate 150 μs T_SETTL1 Settling time SF = 00 2.2 ms T_SETTL2 Settling time SF = 01 1.1 ms T_SETTL3 Settling time SF = 10 0.55 ms T_SETTL4 Settling time SF = 11 0.286 ms |