| データシートサーチシステム |
|
SL900A データシート(PDF) 39 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
SL900A データシート(HTML) 39 Page - ams AG |
|
39 / 90 page ![]() ams Datasheet: 2014-May-06 [v1-01] SL900A – 39 C u stom C o mm and Description Open Area The OPEN AREA command opens the specified area (System, Application, and Measurement) that is protected by a password. Command Structure: Successful Reply Structure: The “Password Level” field is composed as: Access FIFO The ACCESS FIFO command can read and write data from the FIFO and can also read the FIFO status register. Command Structure: Successful Reply Structure: SOF Custom Command Code Password Level Password Handle CRC Frame - sync 0xE0 0xAE 8 bits 32 bits 16 bits 16 bits SOF Header Handle CRC EOF Pilot tone + preamble 1 bit [0] 16 bits 16 bits Dummy bit [1] Password Level Bits b1 b0 Passw. level Bits b7 - b2 are X 00 Not allowed 01 System 1 0 Application 1 1 Measurement SOF Custom Command Code Sub-command Payload Handle CRC Frame - sync 0xE0 0xAF 8 bits 0 ~ 8 bytes 16 bits 16 bits SOF Header Payload Handle CRC EOF Pilot tone + preamble 1 bit [0] 0 ~ 8 bytes (data from FIFO or FIFO status register) 16 bits 16 bits Dummy bit [1] |