| データシートサーチシステム |
|
V23832-R111-M101 データシート(PDF) 27 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
V23832-R111-M101 データシート(HTML) 27 Page - Infineon Technologies AG |
|
27 / 33 page ![]() V23832-T2531-M101 V23832-R511-M101 Technical Data Data Sheet 27 2003-11-19 Host Face-Plate Layout for Panel Accessed Modules Figure 16 Key Values Unit Comments min. typ. max. F1 18.42 20 mm Cutout center spacing F2 16.7 16.8 16.9 mm Cutout width F3 9.1 9.2 9.3 mm Cutout height F4 4.42 4.52 4.62 mm Center of cutout and center of receptacle to top of PCB F5 44.5 46 mm Face-plate placement F6 1 mm Radius F7 4.25 mm Opt. reference plane to top of PCB F8 38 mm Limitation for PCB length F9 16.8 mm Length of receptacle F10 15.3 mm Including shield, without spring contacts F11 7.6 Including shield, without spring contacts F12 1.7 mm See Package Outlines Figure 18 on Page 31 File: 3507 F1 F2 F4 F3 F6 F5 F12 F9 F10 F8 F7 F11 |