| データシートサーチシステム |
|
TMP103CYFFT データシート(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP103CYFFT データシート(HTML) 8 Page - Texas Instruments |
|
8 / 30 page ![]() Frame1Two-WireMDAWriteAddressByte Frame2PointerRegisterByte 0 StartBy Master ACKBy TMP103(1) ACKBy TMP103(1) Frame3Two-WireMDAReadAddressByte Frame4DataByteReadRegister StartBy Master ACKBy TMP103(1) ACKBy Master (2) From TMP103A(3) 1 9 1 9 1 9 1 9 SDA SCL 0 0 0 R/W 0 0 0 0 0 0 P1 P0 ¼ ¼ ¼ SDA (Continued) SCL (Continued) SDA (Continued) SCL (Continued) 0 0 0 0 0 0 0 0 0 0 R/W D7 D6 D5 D4 D3 D2 D1 D0 Frame5DataByteReadRegister StopBy Master ACKBy Master (2) From TMP103B(3) 1 9 D7 D6 D5 D4 D3 D2 D1 D0 StopBy Master Frame6DataByteReadRegister StopBy Master ACKBy Master (2) From TMP103C(3) 1 9 D7 D6 D5 D4 D3 D2 D1 D0 TMP103 SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016 www.ti.com (1) All TMP103 devices on the bus acknowledge the byte. (2) The master must issue an acknowledge for each byte read to read all of the TMP103 devices on the bus. (3) Three TMP103 devices used in this case; up to eight devices can be used (see Table 2). Figure 5. Two-Wire Timing Diagram MDA Read Word Format Using Figure 16 (Typical Application) 8 Submit Documentation Feedback Copyright © 2011–2016, Texas Instruments Incorporated Product Folder Links: TMP103 |