| データシートサーチシステム |
|
XC164CS データシート(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC164CS データシート(HTML) 8 Page - Infineon Technologies AG |
|
8 / 71 page ![]() XC164 Derivatives General Device Information Data Sheet 4 V2.1, 2003-06 2 General Device Information 2.1 Introduction The XC164 derivatives are high-performance members of the Infineon XC166 Family of full featured single-chip CMOS microcontrollers. These devices extend the functionality and performance of the C166 Family in terms of instructions (MAC unit), peripherals, and speed. They combine high CPU performance (up to 40 million instructions per second) with high peripheral functionality and enhanced IO-capabilities. They also provide clock generation via PLL and various on-chip memory modules such as program ROM or Flash, program RAM, and data RAM. Figure 1 Logic Symbol XC164 NMI RSTOUT EA RSTIN ALE RD WR/WRL VDDI/P VSSI/P PORT0 16 bit PORT1 16 bit Port 3 14 bit Port 4 8 bit Port 5 14 bit XTAL2 XTAL1 Port 9 6 bit VAREF VAGND TRST JTAG Debug Port 20 5 bit Via Port 3 |