| データシートサーチシステム |
|
2M803 データシート(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
2M803 データシート(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 31 page ![]() CONTACT TOOLS PINS SOCKETS CONTACT SIZE AWG WIRE SIZE AWG PIN CONTACT COLOR BANDS WIRE STRIP LENGTH WIRE SEALING RANGE WIRE HOLE FILLER HAND-CRIMP TOOL POSITIONER (LOCATOR) PLASTIC INSERTION/ EXTRACTION TOOL METAL INSERTION TOOL METAL EXTRACTION TOOL 1 2 3 MIN. MAX. 23 22,24,26,& 28 2M809-001 N/A N/A N/A 0.15 (3.81) 0.024 (.609) 0.052 (1.32) 2M809-155 (Black) M22520/2-01 K1461-1 2M809-088 DAK225-22 DRK225-22 26,28, & 30 2M809-042 Blue N/A N/A 0.15 (3.81) 0.024 (.609) 0.052 (1.32) 2M809-057 20HD 20,22, & 24 2M809-204 N/A N/A N/A 0.15 (3.81) 0.040 (1.02) 0.083 (2.11) MS27488-20-2 (Red) M22520/2-01 2M809-206 2M809-203 N/A N/A 20 20,22, & 24 M39029/58-363 Orange Blue Orange .188 (4.77) 0.040 (1.02) 0.083 (2.11) MS27488-20-2 (Red) M22520/1-01 M22520/1-04 M81969/14-10 11-008674-020 11-008675-020 16 16,18, & 20 M39029/58-364 Orange Blue Yellow .188 (4.77) 0.065 (1.65) 0.109 (2.77) MS27488-16-2 (Green) M22520/1-01 M22520/1-04 M81969/14-03 11-008674-016 11-008675-016 12 12 & 14 M39029/58-365 Orange Blue Green .188 (4.77) 0.097 (2.46) 0.142 (.361) MS27488-12-2 (Orange) M22520/1-01 M22520/1-04 M81969/14-04 11-008674-012 11-008675-012 CONTACT SIZE AWG WIRE SIZE AWG PIN CONTACT COLOR BANDS WIRE STRIP LENGTH WIRE SEALING RANGE WIRE HOLE FILLER HAND-CRIMP TOOL POSITIONER (LOCATOR) PLASTIC INSERTION/ EXTRACTION TOOL METAL INSERTION TOOL METAL EXTRACTION TOOL 1 2 3 MIN. MAX. 23 22,24,26,& 28 2M809-002 N/A N/A N/A 0.15 (3.81) 0.024 (.609) 0.052 (1.32) 2M809-155 (Black) M22520/2-01 K1461-1 2M809-088 DAK225-22 DRK225-22 26,28, & 30 2M809-043 Blue N/A N/A 0.15 (3.81) 0.024 (.609) 0.052 (1.32) 2M809-057 20HD 20,22, & 24 2M809-205 N/A N/A N/A 0.15 (3.81) 0.040 (1.02) 0.083 (2.11) MS27488-20-2 (Red) M22520/2-01 2M809-206 2M809-203 N/A N/A 20 20,22, & 24 M39029/57-357 Orange Green Violet .188 (4.77) 0.040 (1.02) 0.083 (2.11) MS27488-20-2 (Red) M22520/1-01 M22520/1-04 M81969/14-10 11-008674-020 11-008675-020 16 16,18, & 20 M39029/57-358 Orange Green Gray .188 (4.77) 0.065 (1.65) 0.109 (2.77) MS27488-16-2 (Green) M22520/1-01 M22520/1-04 M81969/14-03 11-008674-016 11-008675-016 12 12 & 14 M39029/57-359 Orange Green White .188 (4.77) 0.097 (2.46) 0.142 (.361) MS27488-12-2 (Orange) M22520/1-01 M22520/1-04 M81969/14-04 11-008674-012 11-008675-012 Insert head first Insert head first All dimensions in inches |