| データシートサーチシステム |
|
EM3587-RTR データシート(PDF) 40 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3587-RTR データシート(HTML) 40 Page - Silicon Laboratories |
|
40 / 59 page ![]() EM358x 40 Rev 1.0 20 PB4 I/O Digital I/O TIM2C4 (see also Pin 24) O Timer 2 channel 4 output Enable remap with TIM2_OR[7] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PBCFGH[3:0] TIM2C4 (see also Pin 24) I Timer 2 channel 4 input Enable remap with TIM2_OR[7] SC1nRTS O UART RTS handshake of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[7] Enable with SC1_UARTCFG[5] Select UART with SC1_MODE Select alternate output function with GPIO_PBCFGH[3:0] SC1nSSEL I SPI slave select of Serial Controller 1 Enable slave with SC1_SPICFG[4] Select SPI with SC1_MODE 21 PA0 I/O Digital I/O USBDM (where applicable) I/O USB D- signal Select analog function with GPIO_PACFGL[3:0] TIM2C1 (see also Pin 30) O Timer 2 channel 1 output Disable remap with TIM2_OR[4] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[3:0] TIM2C1 (see also Pin 30) I Timer 2 channel 1 input Disable remap with TIM2_OR[4] SC2MOSI O SPI master data out of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[4] Enable master with SC2_SPICFG[4] Select SPI with SC2_MODE Select alternate output function with GPIO_PACFGL[3:0] SC2MOSI I SPI slave data in of Serial Controller 2 Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE Table 6.1. EM358x Pin Descriptions (Continued) Pin # Signal Direction Description Note: 1. IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and GPIO_IRQDSEL registers. |