データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM3588-RTR データシート(PDF) 57 Page - Silicon Laboratories

部品番号 EM3588-RTR
部品情報  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3588-RTR データシート(HTML) 57 Page - Silicon Laboratories

Back Button EM3588-RTR Datasheet HTML 51Page - Silicon Laboratories EM3588-RTR Datasheet HTML 52Page - Silicon Laboratories EM3588-RTR Datasheet HTML 53Page - Silicon Laboratories EM3588-RTR Datasheet HTML 54Page - Silicon Laboratories EM3588-RTR Datasheet HTML 55Page - Silicon Laboratories EM3588-RTR Datasheet HTML 56Page - Silicon Laboratories EM3588-RTR Datasheet HTML 57Page - Silicon Laboratories EM3588-RTR Datasheet HTML 58Page - Silicon Laboratories EM3588-RTR Datasheet HTML 59Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
EM358x
Rev 1.0
57
Line 2 Marking:
TTTTTT = Mfg Code
YY=Year
WW-Work Week
Manufacturing Code from the Assembly Purchase
form. Assigned by the Assembly House. Corre-
sponds to the year and work week.
Right Justified
Line 3 Marking:
Circle = 1.3 mm Diameter
Center Justified
Country of Origin
ISO abbreviation
Right Justified
“e3” indicates Lead-Free terminal finish
TW
Table 6.5. 48-Pin QFN Top Marking Explanation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59