| データシートサーチシステム |
|
EM3592-RTR データシート(PDF) 51 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3592-RTR データシート(HTML) 51 Page - Silicon Laboratories |
|
51 / 59 page ![]() EM359x Rev 1.0 51 48 PB7 I/O High current Digital I/O ADC2 Analog ADC Input 2 Enable analog function with GPIO_PBCFGH[15:12] IRQC1 I Default external interrupt source C. TIM1C2 O Timer 1 channel 2 output Enable timer output in TIM1_CCER Select alternate output function with GPIO_PBCFGH[15:12] TIM1C2 I Timer 1 channel 2 input Cannot be remapped 49 PE2 I/O Digital I/O SC4SCL I/O TWI clock of Serial Controller 4 Select TWI with SC4_MODE Select alternate open-drain output function with GPIO_PECFGL[11:8] SC4SCLK O SPI master clock of Serial Controller 4 Enable master with SC4_SPICFG[4] Select SPI with SC4_MODE Select alternate output function with GPIO_PECFGL[11:8] SC4SCLK I SPI slave clock of Serial Controller 4 Enable slave with SC4_SPICFG[4] Select SPI with SC4_MODE 50 PE3 I/O Digital I/O SC4nSSEL I SPI slave select of Serial Controller 4 Enable slave with SC4_SPICFG[4] Select SPI with SC4_MODE Table 6.1. EM359x Pin Descriptions (Continued) Pin # Signal Direction Description Note: 1. IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and GPIO_IRQDSEL registers. |