| データシートサーチシステム |
|
A165E-R-24D-01 データシート(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A165E-R-24D-01 データシート(HTML) 7 Page - Omron Electronics LLC |
|
7 / 12 page ![]() A165E 7 Accessories Terminal Arrangement Note: The L+ and L − terminals are not available with the non-lighted models. Yellow Plate (Vinyl Chloride) Lock Ring Panel Plugs (Round Type) A16ZT-3003 • Select an appropriate Panel Plug according to the panel design and mount from the front side of the panel. Panel cutout dimensions are the same as those for the Operation Unit. Tightening Tool t=1 A16Z-5070 15.6 dia. 45 dia. 15.8 ±0.1 dia. Rough surface 15 dia. 0 −0.1 Rough surface 18 dia. A16Z-3004 18 dia. SPST Switches DPST Switches TPST Switches NC1 NC1 L − L + SW1 NC1 NC2 NC2 NC1 L − L + SW1 SW2 NC2 NC1 NC3 Stopper |