| データシートサーチシステム |
|
FRDM-KW40Z データシート(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
FRDM-KW40Z データシート(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 37 page ![]() FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015 Freescale Semiconductor, Inc. 21 FRDM-KW40Z development board Figure 18. Potentiometer circuit NOTE To measure the POT value, program the ADC in differential mode. The V_BATT is taken as the differential input. 4.2.4.5 IR transmitter (CMT interface) An infrared transmitter or blaster is provided to control the IR. Figure 19 shows the IR circuit. • The IR power supply is P3V3_LED. • The IR has a range of approximately 10 meters. • The current draw is approximately 100 mA when active. • When using the blaster as an application, assure the proper orientation. Figure 19. IR transmitter circuit |