データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC000996 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 MC000996
部品情報  USB C to USB C Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MC000996 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  MC000996 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
22/09/15
USB C to USB C Cable
Note:
Hi-Pot
:100VDC/0.01Sec.5MΩ
ConductiveResistance :1ΩMax.
Current
: 3A
Voltage
: 5V
Open/Short/Intermittence 100% test.
A 10nF bypass capacitor (min. voltage rating of 30V)
is required for the VBUS pin in the full-featured cable
at each end of the cable.
No.
Name
Material Description
Qty.
Unit
1.
Cable
(1/0.28S×1P+D+AL+HM)×4C+(1/0.254T×1P+2D+AL+HM)
×1C+1/0.20T×4C+1/0.40T×1C+F+AB OD:4.8mm
A/R
mm
2.
Connector
USBCTypePlugTerminal30μ,Black,StampingShell
2
Set
3.
Inner Molded
LDPE
A/R
KG
4.
Outer Molded
70PPVCBlack
A/R
KG
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
withoutnoticeandreplacesalldatasheetspreviouslysupplied.TheInformationsuppliedisbelievedtobeaccuratebuttheGroupassumesnoresponsibilityforitsaccuracyorcompleteness,any
errorinoromissionfromitorforanyusemadeofit.UsersofthisdatasheetshouldcheckforthemselvestheInformationandthesuitabilityoftheproductsfortheirpurposeandnotmakeany
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Groupwasawareofthepossibilityofsuchlossordamagearising)isexcluded.ThiswillnotoperatetolimitorrestricttheGroup’sliabilityfordeathorpersonalinjuryresultingfromitsnegligence.
MulticompistheregisteredtrademarkoftheGroup.©PremierFarnellplc2012.
Part Number Table
Description
“L”
Part Number
USBCtoCCable,10Gbps
0.15m
MC000996
0.5m
MC000997
1m
MC000998
Dimensions : Millimetres


同様の部品番号 - MC000996

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
USB 2.0 Micro B Male to C Male Cable 1m
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
More results

同様の説明 - MC000996

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
logo
Wurth Elektronik GmbH &...
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
IOGEAR
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
G2LU3CCM12E IOGEAR-G2LU3CCM12E Datasheet
159Kb / 2P
USB-C to USB-C 5 Gbps 6.6 Ft. (2m) Cable
logo
List of Unclassifed Man...
USBCM311M0USBCMMMWHR ETC-USBCM311M0USBCMMMWHR Datasheet
171Kb / 5P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
logo
PHOENIX CONTACT
1021809 PHOENIX-1021809 Datasheet
100Kb / 4P
Connecting cable - CAB-USB C/ USB C/1,8M
Dec 8, 2022
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com