| データシートサーチシステム |
|
DLPC910 データシート(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC910 データシート(HTML) 6 Page - Texas Instruments |
|
6 / 50 page ![]() DLPC910 DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015 www.ti.com Pin Functions (continued) PIN ACTIVE I/O TYPE CLOCK SYSTEM DESCRIPTION (HI OR LO) NAME NO. DDC_DIN_A14_DPN A25 LVDS_25_NI - DDC_DCLK_A Input Bus A Data bit 14. 100- Ω internal LVDS termination. DDC_DIN_A14_DPP B25 LVDS_25_PI - DDC_DCLK_A DDC_DIN_A15_DPN C26 LVDS_25_NI - DDC_DCLK_A Input Bus A Data bit 15. 100- Ω internal LVDS termination. DDC_DIN_A15_DPP B26 LVDS_25_PI - DDC_DCLK_A DDC_DIN_B0_DPN A12 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 0. 100- Ω internal LVDS termination. DDC_DIN_B0_DPP A13 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B1_DPN B12 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 1. 100- Ω internal LVDS termination. DDC_DIN_B1_DPP C13 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B2_DPN D10 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 2. 100- Ω internal LVDS termination. DDC_DIN_B2_DPP D11 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B3_DPN C12 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 3. 100- Ω internal LVDS termination. DDC_DIN_B3_DPP C11 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B4_DPN A10 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 4. 100- Ω internal LVDS termination. DDC_DIN_B4_DPP B11 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B5_DPN D9 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 5. 100- Ω internal LVDS termination. DDC_DIN_B5_DPP C9 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B6_DPN B10 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 6. 100- Ω internal LVDS termination. DDC_DIN_B6_DPP B9 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B7_DPN A8 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 7. 100- Ω internal LVDS termination. DDC_DIN_B7_DPP A9 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B8_DPN D6 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 8. 100- Ω internal LVDS termination. DDC_DIN_B8_DPP D5 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B9_DPN C7 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 9. 100- Ω internal LVDS termination. DDC_DIN_B9_DPP C6 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B10_DPN B6 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 10. 100- Ω internal LVDS termination. DDC_DIN_B10_DPP B5 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B11_DPN D4 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 11. 100- Ω internal LVDS termination. DDC_DIN_B11_DPP D3 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B12_DPN B4 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 12. 100- Ω internal LVDS termination. DDC_DIN_B12_DPP C4 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B13_DPN C3 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 13. 100- Ω internal LVDS termination. DDC_DIN_B13_DPP C2 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B14_DPN A3 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 14. 100- Ω internal LVDS termination. DDC_DIN_B14_DPP A2 LVDS_25_PI - DDC_DCLK_B DDC_DIN_B15_DPN B2 LVDS_25_NI - DDC_DCLK_B Input Bus B Data bit 15. 100- Ω internal LVDS termination. DDC_DIN_B15_DPP B1 LVDS_25_PI - DDC_DCLK_B DDC_DIN_C0_DPN E20 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 0. 100- Ω internal LVDS termination. DDC_DIN_C0_DPP E21 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C1_DPN F20 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 1. 100- Ω internal LVDS termination. DDC_DIN_C1_DPP G20 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C2_DPN H19 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 2. 100- Ω internal LVDS termination. DDC_DIN_C2_DPP J19 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C3_DPN E23 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 3. 100- Ω internal LVDS termination. DDC_DIN_C3_DPP E22 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C4_DPN F23 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 4. 100- Ω internal LVDS termination. DDC_DIN_C4_DPP F22 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C5_DPN G22 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 5. 100- Ω internal LVDS termination. DDC_DIN_C5_DPP G21 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C6_DPN J20 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 6. 100- Ω internal LVDS termination. DDC_DIN_C6_DPP J21 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C7_DPN H22 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 7. 100- Ω internal LVDS termination. DDC_DIN_C7_DPP H21 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C8_DPN J23 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 8. 100- Ω internal LVDS termination. DDC_DIN_C8_DPP H23 LVDS_25_PI - DDC_DCLK_C 6 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: DLPC910 |