データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA7887 データシート(PDF) 13 Page - Silicon Laboratories

部品番号 TSA7887
部品情報  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSA7887 データシート(HTML) 13 Page - Silicon Laboratories

Back Button TSA7887 Datasheet HTML 9Page - Silicon Laboratories TSA7887 Datasheet HTML 10Page - Silicon Laboratories TSA7887 Datasheet HTML 11Page - Silicon Laboratories TSA7887 Datasheet HTML 12Page - Silicon Laboratories TSA7887 Datasheet HTML 13Page - Silicon Laboratories TSA7887 Datasheet HTML 14Page - Silicon Laboratories TSA7887 Datasheet HTML 15Page - Silicon Laboratories TSA7887 Datasheet HTML 16Page - Silicon Laboratories TSA7887 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TSA7887
TSA7887 Rev. 1.0
Page 13
driving the CS pin from one of the host processor’s
port lines and ensuring that the serial data read
(from the microcontroller’s serial port) is not initiated
for at least 5
μs.
In DSP applications, where the CS signal is derived
typically from the DSP’s serial frame synchronization
port, it is usually not possible to separate a high-to-
low CS transition and a second low-to-high SCLK
transition by up to 5
μs without affecting the DSP
system serial clock speed. Therefore, system timing
design
should
incorporate
a
WRITE
to
the
TSA7887’s control register to terminate PM Mode 1
operation and program the ADC into PM Mode 2;
that is, by writing [PM1,PM0] = [0,1] into the
TSA7887’s
control
register.
To
get
a
valid
conversion result, a second conversion must be
initiated when the ADC is powered up. A WRITE
operation
that
takes
place
with
this
second
conversion can program the ADC back into PM
Mode 1 where the power-down operation is enabled
when the CS pin is toggled high
Power Management Mode 2 Operation:
[PM1,PM0] = [0,1]
Regardless of the status of the CS signal, the
TSA7887 remains fully powered up in this mode of
operation. PM Mode 2 should be used for fastest
throughput rate performance because the system
timing design does not need to incorporate the
TSA7887’s 5-
μs power-up delay time. Figure 10
shows the general operating diagram for the
TSA7887 in PM Mode 2.
Serial data programmed into the TSA7887 at the
DIN input during the first eight clock cycles of data
transfer are loaded to the control register. For the
TSA7887 to remain in PM Mode 2, system timing
design must always write [PM1, PM0] = [0,1] into the
control register on every serial input data transfer.
A high-to-low CS transition initiates the conversion
sequence and the analog input signal is sampled on
the second low-to-high SCLK transition. Sixteen
serial clock cycles are required to complete the
conversion and to transfer the conversion result to
the host processor. Another conversion can be
initiated immediately by toggling the CS pin low
again once data transfer is complete (that is, once
the CS signal is toggled high).
Power Management Mode 3 Operation: [PM1,
PM0] = [1,0]
In this mode, the TSA7887 is automatically powered
down at the end of every conversion. It is similar to
PM Mode 1 except that the status of the CS signal in
PM Mode 3 does not have any effect on the power-
down status of the TSA7887.
Figure 11 shows the general operating diagram of
the TSA7887 in PM Mode 3. On the first high-to-low
SCLK
transition
after
CS
is
toggled
low,
all
TSA7887’s internal circuitry starts to power up.
Similarly to PM Mode 1, it can take as long as 5
μs
for the TSA7887’s internal circuitry to power up
completely. As a result, any conversion start
sequence should not be initiated during this initial
5-
μs power-up delay. The analog input signal is
sampled on the second low-to-high SCLK transition
following the high-to-low CS transition. As shown in
Figure 18, system timing design should incorporate
a 5-
μs delay between the first high-to-low SCLK
transition
and
the
second
low-to-high
SCLK
transition after the high-to-low CS transition.
Figure 10: TSA7887’s Power Management Mode 2 Operation Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com