| データシートサーチシステム |
|
CAP1106 データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CAP1106 データシート(HTML) 13 Page - Microchip Technology |
|
13 / 48 page ![]() 2015 Microchip Technology Inc. DS00001624B-page 13 CAP1106 4.5 BC-Link Interface The BC-Link is a proprietary bus developed to allow communication between a host controller device to a companion device. This device uses this serial bus to read and write registers and for interrupt processing. The interface uses a data port concept, where the base interface has an address register, data register and a control register, defined in the 8051’s SFR space. Refer to documentation for the BC-Link compatible host controller for details on how to access the CAP1106-2 via the BC-Link Interface. TABLE 4-7: BLOCK READ PROTOCOL Start Slave Address WR ACK Register Address ACK Start Slave Address RD ACK Register Data 1->0 0101_000 0 0 XXh 0 1 ->0 0101_000 1 0 XXh ACK Register Data ACK Register Data ACK Register Data ACK . . . Register Data NACK Stop 0 XXh 0 XXh 0 XXh 0 . . . XXh 1 0 -> 1 |