| データシートサーチシステム |
|
USB3613 データシート(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3613 データシート(HTML) 53 Page - Microchip Technology |
|
53 / 57 page ![]() USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications Datasheet 2014 Microchip Technology Inc. DS00001714A-page 53 Chapter 10 Package Outline Note: For the most current package drawings, see the Microchip Packaging Specification at http://www.microchip.com/packaging. Notes: Figure 10.1 30-WLCSP Package Table 10.1 30-WLCSP Dimensions MIN NOMINAL MAX REMARKS A - 0.56 0.62 Overall Package Height A1 0.16 0.20 0.24 Standoff A2 - - 0.38 Package Thickness D 2.87 2.90 2.93 X Die Size E 2.47 2.50 2.53 Y Die Size D1 2.00 BSC X End Balls Distance E1 1.60 BSC Y End Balls Distance b 0.20 0.25 0.30 Ball Diameter e 0.40 BSC Ball Pitch ccc 0 - 0.05 Coplanarity |