| データシートサーチシステム |
|
USB3813 データシート(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3813 データシート(HTML) 35 Page - Microchip Technology |
|
35 / 57 page ![]() USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications Datasheet 2014 Microchip Technology Inc. DS00001715A-page 35 7.2.2 Pull-Up Resistors for I2C The circuit board designer is required to place external pull-up resistors (10 k Ω recommended) on the SDA & SCL signals (per SMBus 1.0 Specification) to Vcc in order to assure proper operation. 7.3 SMBus Slave Interface The USB3813 includes an integrated SMBus slave interface, which can be used to access internal device run time registers or program the internal OTP memory. SMBus detection is accomplished by detection of pull-up resistors (10 K Ω recommended) on both the SMBDATA and SMBCLK signals. To disable the SMBus, a pull-down resistor of 10 K Ω must be applied to SMBDATA. The SMBus interface can be used to configure the device as detailed in Section 6.1, "Configuration Method Selection," on page 24. Note: All device configuration must be performed via the Pro-Touch Programming Tool. For additional information on the Pro-Touch programming tool, contact your local Microchip sales representative. |