| データシートサーチシステム |
|
USB5534B データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5534B データシート(HTML) 7 Page - Microchip Technology |
|
7 / 73 page ![]() 2012 - 2015 Microchip Technology Inc. DS00001681C-page 7 USB5534B 3.0 PIN INFORMATION This chapter outlines the pinning configurations for each chip. The detailed pin descriptions are listed by function in Sec- tion 3.2, "Pin Descriptions (Grouped by Function)," on page 8. 3.1 Pin Configurations FIGURE 3-1: USB5534B 64-PIN QFN Ground Pad (must be connected to VSS with a via field) USB5534B (Top View QFN-64) 64 63 62 61 60 59 58 57 56 54 53 52 51 50 49 55 32 31 30 28 27 26 25 VDD12 24 23 22 21 20 19 18 17 VDD33 RBIAS XTALIN/CLK_IN XTALOUT USB3DM_RXUP USB3DP_RXUP VDD12 USB3DM_TXUP USB3DP_TXUP USB2DM_UP USB2DP_UP VDD33 ATEST RESET_N TEST VDD12 29 USB2DM_DN4 USB2DP_DN4 USB3DM_RXDN4 USB3DP_RXDN4 VDD12 USB3DM_TXDN4 USB3DP_TXDN4 USB2DP_DN3 USB3DM_RXDN3 USB3DP_RXDN3 VDD12 USB3DM_TXDN3 USB3DP_TXDN3 USB2DM_DN3 PRT_PWR4/PRT_CTL4 Indicates pins on the bottom of the device. |