| データシートサーチシステム |
|
UPD1002 データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UPD1002 データシート(HTML) 39 Page - Microchip Technology |
|
39 / 46 page ![]() 2014 Microchip Technology Inc. DS00001760B-page 39 UPD1002 4.5 AC Specifications This section details the various AC timing specifications of the device. 4.5.1 RESET TIMING Figure 4-2 illustrates the RESET_N timing requirements. Assertion of RESET_N is not a requirement. However, if used, it must be asserted for the minimum period specified. Refer to Section 3.1, "Resets," on page 23 for additional information on resets. FIGURE 4-2: RESET_N TIMING TABLE 4-3: RESET_N TIMING Symbol Description Min Typ Max Units trstia RESET_N input assertion time 1 µs RESET_N trstia |